PART |
Description |
Maker |
NE56610 NE56610-42GW NE56610-45GW NE56612-45GW NE5 |
Family of devices designed to generate a reset signal for a variety of microprocessor and logic systems 家庭旨在生成一个微处理器和逻辑的各种复位信号系统设 Family of devices designed to generate a reset signal for a variety of microprocessor and logic systems 1-CHANNEL POWER SUPPLY SUPPORT CKT, PDSO5
|
NXP Semiconductors N.V. PHILIPS[Philips Semiconductors]
|
SML-LX2832DRC-TR |
2.8mm x 3.2nm SURFACE MOUNT LED WIT REFLECTOR
|
LUMEX INC.
|
W25Q80BVSSIG W25Q80BVSNIG W25Q80BVUXIG W25Q80BVZPI |
8M-BIT SERIAL FLASH MEMORY WIT DUAL AND QUAD SPI
|
Winbond
|
RKEF090 RKEF300 RKEF250 BBRF550 BBRF5501 RKEF500 R |
PolySwitch Resettable Devices Radial-leaded Devices Overcurrent Protection Device
|
Tyco Electronics http://
|
PJ3100 |
7V; 300mA CMOS LDO with enable. For battery-powered devices, personal communication devices
|
PROMAX-JOHNTON
|
W4NRD0X-0000 W4NRD8C-U000 W4NXD8C-0000 W4NXD8C-L00 |
Diameter: 50.8mm; LCW substrates; silicon carbide substrates. For high frequency power devices, high power devices, high temperature devices, optoelectronic devices, III-V nitride deposition Diameter: 50.8mm; ultra-low mircopipe density; silicon carbide substrates. For high frequency power devices, high power devices, high temperature devices, optoelectronic devices, III-V nitride deposition Diameter: 50.8mm; standatd mircopipe density; silicon carbide substrates. For high frequency power devices, high power devices, high temperature devices, optoelectronic devices, III-V nitride deposition Diameter: 50.8mm; low mircopipe density; silicon carbide substrates. For high frequency power devices, high power devices, high temperature devices, optoelectronic devices, III-V nitride deposition Diameter: 50.8mm; select mircopipe density; silicon carbide substrates. For high frequency power devices, high power devices, high temperature devices, optoelectronic devices, III-V nitride deposition Diameter: 76.2mm; LCW type; 6H-silicon carbide. For high frequency power devices, high power devices, high temperature devices, optoelectronic devices, III-V nitride deposition Diameter: 50.8mm; LCW type; 6H-silicon carbide. For high frequency power devices, high power devices, high temperature devices, optoelectronic devices, III-V nitride deposition Diameter: 50.8mm; lsemi-insulating (prototype); 6H-silicon carbide. For high frequency power devices, high power devices, high temperature devices, optoelectronic devices, III-V nitride deposition
|
CREE POWER
|
LR4-380XF LR4-600XF VTP210SL19.2_5.8 MINISMDE190F- |
PolySwitch Resettable Devices Strap Battery Devices
|
Tyco Electronics
|
TC1426CPA TC1427 TC1427CPA TC1428 TC1428COA TC1427 |
CSCA-A Series Hall-effect based, open-loop current sensor, Gallant connector, 600 A rms nominal, ±900 A range 1.2A的双路高速MOSFET驱动 1.2A Dual High-Speed MOSFET Drivers 1.2A的双路高速MOSFET驱动 The TC1426/27/28 are a family of 1.2A dual high- speed drivers. CMOS fabrication is used for low power consumption and high efficiency. These devices are fabricated using an epitaxial layer to effectively short out the intrinsic parasitic The TC1426/27/28 are a family of 1.2A dual high- speed drivers. CMOS fabrication is used for low power consumption and high efficiency. ...
|
Microchip Technology, Inc. MICROCHIP[Microchip Technology]
|
TRF250-120T-B-0.5 |
PolySwitch垄莽PTC Devices PolySwitch?PTC Devices
|
Tyco Electronics
|
VTP170XSDF |
PolySwitch垄莽PTC Devices PolySwitch?PTC Devices
|
Tyco Electronics
|